Part Number Hot Search : 
7F0S20E FSS130D1 YA868C15 2SD14 A7601 75N10 20LM3 AN124
Product Description
Full Text Search
 

To Download LTW-089E2CG-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only Features
* * * * * * Package in 8mm tape on 7" diameter reels. Compatible with automatic placement equipment. Compatible with infrared and vapor phase reflow solder process. EIA STD package. I.C. compatible. Meet green product and Pb-free(According to RoHS)
Package
Dimensions
Part No. LTW-089E2CG-A
Lens Color Yellow
Source Color InGaN White
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1 mm (.004") unless otherwise noted.
Definition of Distance Between of PAD and Reflector
A: The distance between pad's bottom and reflector. B: The tolerance between right and left pad. C: The distance between pad and reflector.
Symbol A B C
0 0 0
Dimension (mm) min 0.05 min 0.03 min 0.05
max max max
Part No. : LTW-089E2CG-A BNS-OD-C131/A4
Page :
1
of
13
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only Absolute Maximum Ratings at Ta=25
Parameter Power Dissipation (30mA, 4V) Power Dissipation (20mA, 3.5V) Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) DC Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Reflow Soldering Condition Suggest IR Reflow Condition : R-Reflow Soldering Profile for lead free soldering (Acc. to J-STD-020B) 100 30 5 -30 to + 85 -40 to + 100 260 For 10 Seconds LTW-089E2CG-A 120 70 Unit mW mW
mA mA V
Part No. : LTW-089E2CG-A BNS-OD-C131/A4
Page :
2
of
13
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only Electrical Optical Characteristics At Ta=25
Parameter
Symbol
Part No. LTW089E2CG-A
Min.
Typ.
Max.
Unit
Test Condition IF = 20mA Note 1, 2 IF = 20mA Note 1, 2
Luminous Flux Luminous Intensity Viewing Angle Chromaticity Coordinates Forward Voltage ESD-Withstand Voltage
lm Iv 21/2 x y VF ESD
4.0 2000 120 0.300 0.285
6.6
lm
089E2CG-A
089E2CG-A 089E2CG-A 089E2CG-A 089E2CG-A 3.0 1K
deg
Fig.6 IF = 20mA Note 3, 5, 6
3.2
3.4
V V
IF = 20mA HBM
Note : 1. Luminous Flux is measured with a light sensor and filter combination that approximates the CIE eye-response curve. 2. Flux classification code is marked on each packing bag. 3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram. 4. Caution in ESD: Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be properly grounded. 5. CAS140B is the test standard for the chromaticity coordinates (x, y) 6. Chromaticity coordinates (x, y) is tested by IS. 7. The chromaticity coordinates (x, y) guarantee should be added +/- 0.005 tolerance.
Part
No. : LTW-089E2CG-A
Page :
3
of
13
BNS-OD-C131/A4
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only Bin Code List
Luminous Spec. Table Flux (lm) and IV (mcd) at IF = 20mA IV Bin Min. 5 6 7 8 9 10 11 4.0 4.3 4.6 4.9 5.3 5.7 6.1 lm Max. 4.3 4.6 4.9 5.3 5.7 6.1 6.6 Min. 1550 1650 1750 1850 2000 2150 2300 mcd Max. 1650 1750 1850 2000 2150 2300 2500
Tolerance on each Luminous Intensity bin and Luminous Flux are +/- 7%, and IV (mcd) is for reference.
Part
No. : LTW-089E2CG-A
Page :
4
of
13
BNS-OD-C131/A4
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Color Spec. Table @20mA
CA1 x 0.2800 0.2780 0.2805 0.2824 CB1 0.2820 0.2800 0.2824 0.2843 CC1 0.2840 0.2820 0.2843 0.2862 CD1 0.2860 0.2840 0.2862 0.2879 CE1 0.2860 0.2880 0.2896 0.2879 EA1 x 0.2893 0.2880 0.2902 0.2915 EB1 0.2910 0.2893 0.2915 0.2931 EC1 0.2926 0.2910 0.2931 0.2946 ED1 0.2940 0.2926 0.2946 0.2960 EE1 0.2940 0.2954 0.2974 0.2960 0.2680 0.2657 0.2690 0.2714 0.2960 0.2974 0.2992 0.2980 0.2680 0.2703 0.2738 0.2714 0.2960 0.2946 0.2968 0.2980 EE2 0.2714 0.2690 0.2727 0.2750 0.2980 0.2992 0.3012 0.3000 0.2703 0.2730 0.2765 0.2738 0.2946 0.2931 0.2953 0.2968 ED2 0.2714 0.2738 0.2773 0.2750 0.2980 0.2968 0.2988 0.3000 EE3 0.2750 0.2727 0.2762 0.2785 0.3000 0.3012 0.3033 0.3020 0.2730 0.2758 0.2794 0.2765 0.2931 0.2915 0.2938 0.2953 EC2 0.2738 0.2765 0.2803 0.2773 0.2968 0.2953 0.2973 0.2988 ED3 0.2750 0.2773 0.2808 0.2785 0.3000 0.2988 0.3008 0.3020 EE4 0.2785 0.2762 0.2793 0.2820 y 0.2758 0.2780 0.2816 0.2794 x 0.2915 0.2902 0.2925 0.2938 EB2 0.2765 0.2794 0.2831 0.2803 0.2953 0.2938 0.2958 0.2973 EC3 0.2773 0.2803 0.2838 0.2808 0.2988 0.2973 0.2995 0.3008 ED4 0.2785 0.2808 0.2848 0.2820 0.2540 0.2515 0.2548 0.2573 0.2879 0.2896 0.2917 0.2900 EA2 y 0.2794 0.2816 0.2855 0.2831 x 0.2938 0.2925 0.2946 0.2958 EB3 0.2803 0.2831 0.2867 0.2838 0.2973 0.2958 0.2982 0.2995 EC4 0.2808 0.2838 0.2875 0.2848 0.2540 0.2565 0.2598 0.2573 0.2879 0.2862 0.2883 0.2900 CE2 0.2573 0.2548 0.2586 0.2610 0.2900 0.2917 0.2936 0.2920 EA3 y 0.2831 0.2855 0.2890 0.2867 x 0.2958 0.2946 0.2970 0.2982 EB4 0.2838 0.2867 0.2903 0.2875 0.2565 0.2590 0.2625 0.2598 0.2862 0.2843 0.2865 0.2883 CD2 0.2573 0.2598 0.2634 0.2610 0.2900 0.2883 0.2904 0.2920 CE3 0.2610 0.2586 0.2622 0.2645 0.2920 0.2936 0.2954 0.2940 EA4 y 0.2867 0.2890 0.2930 0.2903 0.2590 0.2615 0.2649 0.2625 0.2843 0.2824 0.2848 0.2865 CC2 0.2598 0.2625 0.2660 0.2634 0.2883 0.2865 0.2887 0.2904 CD3 0.2610 0.2634 0.2668 0.2645 0.2920 0.2904 0.2926 0.2940 CE4 0.2645 0.2622 0.2657 0.2680 y 0.2615 0.2640 0.2675 0.2649 x 0.2824 0.2805 0.2830 0.2848 CB2 0.2625 0.2649 0.2684 0.2660 0.2865 0.2848 0.2870 0.2887 CC3 0.2634 0.2660 0.2694 0.2668 0.2904 0.2887 0.2910 0.2926 CD4 0.2645 0.2668 0.2703 0.2680 CA2 y 0.2649 0.2675 0.2710 0.2684 x 0.2848 0.2830 0.2855 0.2870 CB3 0.2660 0.2684 0.2720 0.2694 0.2887 0.2870 0.2893 0.2910 CC4 0.2668 0.2694 0.2730 0.2703 CA3 y 0.2684 0.2710 0.2745 0.2720 x 0.2870 0.2855 0.2880 0.2893 CB4 0.2694 0.2720 0.2758 0.2730 CA4 y 0.2720 0.2745 0.2780 0.2758
Color Coordinates Measurement allowance is 0.005
Part
No. : LTW-089E2CG-A
Page :
5
of
13
BNS-OD-C131/A4
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Color Spec. Table @20mA
WA1 x y 0.2982 0.2903 0.2970 0.2930 0.2990 0.2965 0.3003 0.2937 WB1 0.2995 0.2875 0.2982 0.2903 0.3003 0.2937 0.3015 0.2910 WC1 0.3008 0.2848 0.2995 0.2875 0.3015 0.2910 0.3028 0.2883 WD1 0.3020 0.2820 0.3008 0.2848 0.3028 0.2883 0.3040 0.2855 WE1 0.3020 0.2820 0.3033 0.2793 0.3053 0.2828 0.3040 0.2855 MA1 x y 0.3063 0.3043 0.3050 0.3070 0.3070 0.3105 0.3083 0.3077 MB1 0.3075 0.3015 0.3063 0.3043 0.3083 0.3077 0.3095 0.3050 MC1 0.3088 0.2988 0.3075 0.3015 0.3095 0.3050 0.3108 0.3022 MD1 0.3100 0.2960 0.3088 0.2988 0.3108 0.3022 0.3120 0.2995 ME1 0.3100 0.2960 0.3112 0.2932 0.3132 0.2968 0.3120 0.2995 WA2 x y 0.3003 0.2937 0.2990 0.2965 0.3010 0.3000 0.3023 0.2973 WB2 0.3015 0.2910 0.3003 0.2937 0.3023 0.2973 0.3035 0.2945 WC2 0.3028 0.2883 0.3015 0.2910 0.3035 0.2945 0.3048 0.2918 WD2 0.3040 0.2855 0.3028 0.2883 0.3048 0.2918 0.3060 0.2890 WE2 0.3040 0.2855 0.3053 0.2828 0.3072 0.2862 0.3060 0.2890 MA2 x y 0.3083 0.3077 0.3070 0.3105 0.3090 0.3140 0.3103 0.3113 MB2 0.3095 0.3050 0.3083 0.3077 0.3103 0.3113 0.3115 0.3085 MC2 0.3108 0.3022 0.3095 0.3050 0.3115 0.3085 0.3128 0.3058 MD2 0.3120 0.2995 0.3108 0.3022 0.3128 0.3058 0.3140 0.3030 ME2 0.3120 0.2995 0.3132 0.2968 0.3152 0.3002 0.3140 0.3030 WA3 x y 0.3023 0.2973 0.3010 0.3000 0.3030 0.3035 0.3043 0.3007 WB3 0.3035 0.2945 0.3023 0.2973 0.3043 0.3007 0.3055 0.2980 WC3 0.3048 0.2918 0.3035 0.2945 0.3055 0.2980 0.3068 0.2952 WD3 0.3060 0.2890 0.3048 0.2918 0.3068 0.2952 0.3080 0.2925 WE3 0.3060 0.2890 0.3072 0.2862 0.3092 0.2898 0.3080 0.2925 MA3 x y 0.3103 0.3113 0.3090 0.3140 0.3110 0.3175 0.3123 0.3147 MB3 0.3115 0.3085 0.3103 0.3113 0.3123 0.3147 0.3135 0.3120 MC3 0.3128 0.3058 0.3115 0.3085 0.3135 0.3120 0.3148 0.3092 MD3 0.3140 0.3030 0.3128 0.3058 0.3148 0.3092 0.3160 0.3065 ME3 0.3140 0.3030 0.3152 0.3002 0.3172 0.3038 0.3160 0.3065 WA4 x y 0.3043 0.3007 0.3030 0.3035 0.3050 0.3070 0.3063 0.3043 WB4 0.3055 0.2980 0.3043 0.3007 0.3063 0.3043 0.3075 0.3015 WC4 0.3068 0.2952 0.3055 0.2980 0.3075 0.3015 0.3088 0.2988 WD4 0.3080 0.2925 0.3068 0.2952 0.3088 0.2988 0.3100 0.2960 WE4 0.3080 0.2925 0.3092 0.2898 0.3112 0.2932 0.3100 0.2960 MA4 x y 0.3123 0.3147 0.3110 0.3175 0.3130 0.3210 0.3143 0.3183 MB4 0.3135 0.3120 0.3123 0.3147 0.3143 0.3183 0.3155 0.3155 MC4 0.3148 0.3092 0.3135 0.3120 0.3155 0.3155 0.3168 0.3128 MD4 0.3160 0.3065 0.3148 0.3092 0.3168 0.3128 0.3180 0.3100 ME4 0.3160 0.3065 0.3172 0.3038 0.3192 0.3072 0.3180 0.3100
Color Coordinates Measurement allowance is 0.005
Part
No. : LTW-089E2CG-A
Page :
6
of
13
BNS-OD-C131/A4
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only Typical Electrical / Optical Characteristics Curves (25 C Ambient Temperature Unless Otherwise Noted)
Part No. : LTW-089E2CG-A BNS-OD-C131/A4
Page :
7
of
13
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only User Guide Cleaning
Do not use unspecified chemical liquid to clean LED they could harm the package. If cleaning is necessary, immerse the LED in ethyl alcohol or isopropyl alcohol at normal temperature for less one minute.
Recommend Printed Circuit Board Attachment Pad Infrared / vapor phase Reflow Soldering
Package Dimensions of Tape
Note:
1.All dimensions are in millimeters (inches).
Part No. : LTW-089E2CG-A BNS-OD-C131/A4
Page :
8
of
13
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only Package Dimensions of Reel
Notes: 1. Empty component pockets sealed with top cover tape. 2. 7 inch reel-2000 pieces per reel. 3. The maximum number of consecutive missing lamps is two. 4. In accordance with EIA-481-1-B specifications. 5. Vacate 20 cm (min) on start of packing tape and vacate 50 cm (min) on last of packing tape.
Part No. : LTW-089E2CG-A BNS-OD-C131/A4
Page :
9
of
13
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
CAUTIONS
1. Application The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment, communication equipment and household applications).Consult Liteon's Sales in advance for information on applications in which exceptional reliability is required, particularly when the failure or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation, traffic control equipment, medical and life support systems and safety devices). 2. Storage This product is qualified as Moisture sensitive Level 3 per JEDEC J-STD-020 Precaution when handing this moisture sensitive product is important to ensure the reliability of the product. The package is sealed: The LEDs should be stored at 30C or less and 90%RH or less. And the LEDs are limited to use within one year, while the LEDs is packed in moisture-proof package with the desiccants inside. The package is opened: The LEDs should be stored at 30C or less and 60%RH or less. Moreover, the LEDs are limited to solder process within 168hrs. If the Humidity Indicator shows the pink color in 10% even higher or exceed the storage limiting time since opened, that we recommended to baking LEDs at 60C at least 48hrs. To seal the remainder LEDs return to package, it's recommended to be with workable desiccants in original package. 3. Cleaning Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary. 4. Soldering Recommended soldering conditions: Reflow soldering
Pre-heat Pre-heat time Peak temperature Soldering time 120~150C 120 sec. Max. 260C Max. 30 sec. Max.
Soldering iron
300C Max. Temperature Soldering time 3 sec. Max. (one time only)
5. Drive Method An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED as shown in Circuit A below. Circuit model A
LED
Circuit model B
LED
(A) Recommended circuit. (B) The brightness of each LED might appear different due to the differences in the I-V characteristics of those LEDs. 6. ESD (Electrostatic Discharge) Static Electricity or power surge will damage the LED. Suggestions to prevent ESD damage: Part No. : LTW-089E2CG-A Page : 10 of 13
BNS-OD-C131/A4
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only Use of a conductive wrist band or anti-electrostatic glove when handling these LEDs. All devices, equipment, and machinery must be properly grounded. Work tables, storage racks, etc. should be properly grounded. Use ion blower to neutralize the static charge which might have built up on surface of the LED's plastic lens as a result of friction between LEDs during storage and handling. ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward voltage, or " no lightup " at low currents. To verify for ESD damage, check for " lightup " and Vf of the suspect LEDs at low currents. The Vf of " good " LEDs should be >2.0V@0.1mA for InGaN product 7. Reliability Test
Temperature No Items () (%) Humidity Other condition Hrs Times Sampling Criteria for judgment LED brightness @ 20mA
>70%
Vf @ 20mA
High temperature 1 storage Temperature humidity 2 storage 3 4 Low temp Storage Steady State Operating Life Condition 1 Steady State Operating Life Condition 2 Steady State Operating 6 Life of High Temperature Steady State Operating 7 Life of High Humidity Heat Steady State Operating 8 Life of Low Temperature IF =20mA 9 On/Off testing Room Humidity 10secON /10secOFF 35000 circular Continue -30 ~ 85 -----[1] -----[1] 0.5hr. 0.5hr [1] TSld = 260, 10sec. 2 Random, 1.5Grms, 10~200Hz, for 30 min changeable vibration per circular X,Y,Z 3 directions 30 < 5% < 5% 152 hours/2 cycles 195 -30 IF =20mA 1000 30 >70% <110% 60 90 IF =20mA 500 30 >70% <110% 85 IF =20mA 500 30 >70% <110% 25 IF =30mA 500 30 >70% <110% 25 IF =20mA 1000 30 >70% <110% -40 ----1000 30 >70% <110% 60 90 ----1000 30 >70% <110% 100 ----1000 30 <110%
5
60
30
>50%
<110%
10 11 12
Thermal Shock Thermal Cycle Resistance to Soldering Heat (Reflow Soldering)
200 cycles 1 30 30 >70% >70% <110% <110%
13
Vibration[3]
Room Temp
Room Humidity
30 min /time
1
30
Go or not Go
Part
No. : LTW-089E2CG-A
Page :
11
of
13
BNS-OD-C131/A4
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
[1] The thermal profile is shown below
8. Estimated Life time Item Life time(*1) Test Condition Ta=60 IF=20mA Tj70(*2) Min. 10000 Typ. Max. Unit hrs
(*1)Life time means that estimated time to 50% degradation of initial luminous intensity. (*2)Using testing circuit board:
Test board dimension: 25x25x1 mm3 (L x W x H) Material: FR4
Part No. : LTW-089E2CG-A BNS-OD-C131/A4
Page :
12
of
13
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only 9. Others The appearance and specifications of the product may be modified for improvement without prior notice. 10. Suggested Checking List Training and Certification 1. Everyone working in a static-safe area is ESD-certified? 2. Training records kept and re-certification dates monitored? Static-Safe Workstation & Work Areas 1. Static-safe workstation or work-areas have ESD signs? 2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V? 3. All ionizer activated, positioned towards the units? 4. Each work surface mats grounding is good? Personnel Grounding 1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or conductive shoes with conductive flooring? 2. If conductive footwear used, conductive flooring also present where operator stand or walk? 3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*? 4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs? 5. All wrist strap or heel strap checkers calibration up to date? Note: *50V for Blue LED. Device Handling 1. Every ESDS items identified by EIA-471 labels on item or packaging? 2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe workstation? 3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items? 4. All flexible conductive and dissipative package materials inspected before reuse or recycle? Others 1. Audit result reported to entity ESD control coordinator? 2. Corrective action from previous audits completed? 3. Are audit records complete and on file?
Part No. : LTW-089E2CG-A BNS-OD-C131/A4
Page :
13
of
13


▲Up To Search▲   

 
Price & Availability of LTW-089E2CG-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X